users should evaluate the suitability of this product for their application. specifcations are subject to change without notice. tyco electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specifcation, without notifcation to buyer. 1 / colors and color code designators shall be in accordance with mil-std-681. however, due to length limitations of the raychem part number, an alternative color code may replace mil-std-681 color code designators. (example: 901/902... may be replaced by axxx.) other codes and suffixes may be added to the part number as necessary, to capture any additional requirements imposed by the purchase order. page 1 of 1 the te logo, tyco electronics and raychem are trademarks. raychem wire & cable 501 oakside avenue redwood city, ca 94063-3800 phone: 1-800-227-8816 fax: 1-650-361-6297 dimensions are in inches, and unless otherwise designated are nominal this specification sheet takes precedence over documents referenced herein. referenced documents shall be of the issue in effect on date of invitation for bid. ? 2009 tyco electronics corporation. all rights reserved. component wires - 55a0813 note: nominal values are for information only. nominal values are not requirements. specification control drawing 55a0833 three conductor cable, unshielded, unjacketed, general purpose, 600 volt 10-26-09 d this specifcation sheet forms a part of the latest issue of raychem specifcation 55a. title date revision cable construction details part number 1/ conductor size (awg) outside diameter (inches) maximum weight (lbs/1000 ft.) nominal maximum 55a0833-26-* 26 .086 .091 5.2 55a0833-24-* 24 .097 .102 7.0 55a0833-22-* 22 .108 .112 9.8 55a0833-20-* 20 .125 .130 14.4 55a0833-18-* 18 .151 .158 22.0 55a0833-16-* 16 .166 .173 27.5 55a0833-14-* 14 .203 .210 42.2 55a0833-12-* 12 .240 .246 62.7 55a0833-10-* 10 .289 .298 99.1 55a0833-8-* 8 .421 .438 196. 55a0833-6-* 6 .521 .542 296. 55a0833-4-* 4 .670 .691 499. 55a0833-2-* 2 .881 .907 783. 55a0833-1-* 1 1.02 1.04 995. cable ratings and additional requirements temperature rating: 200c maximum continuous conductor temperature voltage rating: 600 volts (rms) at sea level insulation flaws: spark test, 5.7 kv (rms) at 3 khz impulse dielectric test, 8.0 kv (peak) part number: the * in the part numbers above shall be replaced by color code designators with a slash separating the component wire colors. colors shown do not necessarily refect the sequence of manufacturing. 1 / example: awg 22, black, brown and red component wires: 55a0833-22-0/1/2
|